PART |
Description |
Maker |
ADAM-6521-ST ADAM-6521S |
Industrial Ethernet Switches with 4 x 10/100Base-TX Ports & 1 x 100Base-FX Fiber Optic Port
|
Advantech Co., Ltd.
|
TED-100A TED-100B TED-104A TED-200A-J TED-200B-J T |
Dual Port SMD 10/100Base-T Isolation Transformer Modules
|
Nuvotem Talema
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
EX49082A-0AT EX49082A-05T EX49082A-0RT |
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
|
Axiomtek Co., Ltd.
|
EX61622A-84B EX61621A-84B EX61422A-84B EX61621A-PB |
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
|
Axiomtek Co., Ltd.
|
BCM5220 |
10/100BASE-TX/FX Single-Port Transceiver 10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY-TM TRANSCEIVER
|
Broadcom Corporation. BOARDCOM
|
BCM5327M |
Integrated 10/100BASE-T/TX 9-Port Switch EIGHT-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
|
Broadcom Corporation.
|
EX77424-744CR EX77424-82STR EX77424-B34TR EX77424- |
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
|
Axiomtek Co., Ltd.
|
XFATM8Q15A |
Quad Port 10/100BASE-TX Module
|
XFMRS Inc.
|
EPJ9046-S9 |
RJ-45 Filter Port Jack 10/100Base-TX
|
PCA ELECTRONICS INC.
|
XFATM8Q14 |
Quad Port 10/100BASE-TX Module
|
XFMRS Inc.
|
EPJ9090-S9 EPJ9090-S9-15 |
RJ-45 Filter Port Jacks 10/100Base-TX
|
PCA ELECTRONICS INC.
|